PART |
Description |
Maker |
AM41DL6408G |
64 Mbit (8 M x 8-Bit/4 M x 16-Bit) CMOS and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM (Prelimin From old datasheet system
|
AMD Inc
|
AM49DL640BG |
64 Mbit (8 M x 8-Bit/4 M x 16-Bit) CMOS and 32 Mbit (512K x 16-Bit) Pseudo Static RAM (Preliminary) From old datasheet system
|
AMD Inc
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
M36W0R6040B3ZAQE M36W0R6050B3 M36W0R6050B3ZAQE M36 |
64-Mbit (4 Mbits ×16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit ×16) or 32-Mbit (2 Mbits x16) PSRAM MCP
|
Numonyx B.V http://
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
DL161 DL163 DL164 AM42DL1644DB30IT |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
|
Advanced Micro Devices
|
NAND128W3A2BN6 NAND01BGR3A NAND01BGR3A0AN1T NAND01 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMICROELECTRONICS[STMicroelectronics]
|
DA28F016SV-075 DA28F016SV-070 E28F016SV-075 E28F01 |
WSR2 0.04 Ohms 1% Tolerance 16-MBIT (1 MBIT x 16/ 2 MBIT x 8) FlashFile MEMORY 16-MBIT (1 MBIT x 16 / 2 MBIT x 8) FlashFile MEMORY 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY 1M X 16 FLASH 5V PROM, 80 ns, PDSO56 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY 1M X 16 FLASH 5V PROM, 70 ns, PDSO56 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY 1M X 16 FLASH 5V PROM, 75 ns, PDSO56
|
Intel Corp. Intel Corporation Intel, Corp.
|
AT52BR6408A AT52BR6408AT-85CI AT52BR6408A-70CI AT5 |
From old datasheet system 64-Mbit Flash, 8-Mbit SRAM (x16 I/O) 64 Mbit Multi-plane Flash combined with 8-Mbit SRAM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|